Part Number Hot Search : 
5916B AOD454 B126V CY62146 ASF240 2245M 0372DP1 EZ10D5
Product Description
Full Text Search
 

To Download 712S380B0606-3B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 712-380 - Types B, C, D, E, F & G User-Installable Bulkhead Fitting for Series 74 Helical Convoluted Tubing
Series 74 Convoluted Tubing
TYPES B, C, D, E, F, & G BULKHEAD
TO BE USED WITH ADAPTERS AND TRANSITIONS SHOWN ON PAGES G-1 THROUGH G-19
O-RING A THREAD TYP
712 S 380 M 16 16 - 3 C Product Series Angular Function S = Straight Basic No. Finish (Table III) TubingType (B, C, D, E, F & G) Length in 1/2 inch (12.7) increments (Example: 6 = 3.0 inches (76.2)) Minimum Length: 1.5 (38.1) Dash No. (Table II) Dash No. (Table I)
LENGTH .060 (1.52)
.945 (24.0) MAX
B TYP
C TYP
TUBING I.D.
E MAX
D MAX
TYPES C & F ENVIRONMENTAL
Wrench Flats
LENGTH
LENGTH
E REF
F REF
TYPES B, D, & E NON-ENVIRONMENTAL
TYPE G ENVIRONMENTAL
CAGE Codes 06324 Printed in U.S.A.
(c) 2003 Glenair, Inc.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com D-22
712-380 - Types B, C, D, E, F & G User-Installable Bulkhead Fitting for Series 74 Helical Convoluted Tubing
TABLE I B MAX .640 (16.3) .690 (17.5) .690 (17.5) .760 (19.3) .890 (22.6) .890 (22.6) 1.024 (26.0) 1.152 (29.3) 1.363 (34.6) 1.488 (37.8) 1.676 (42.6) 1.960 (49.8) 2.210 (56.1) 2.460 (62.5)
A THREAD DASH NO. CLASS 2B 06 7/16 - 28 UNEF 09 9/16 - 24 UNEF 10 9/16 - 24 UNEF 12 5/8 - 24 UNEF 14 11/16 - 24 UNEF 16 3/4 - 20 UNEF 20 7/8 - 20 UNEF 24 1 - 20 UNEF 28 1 3/16 - 18 UNEF 32 1 5/16 - 18 UNEF 40 1 1/2 - 18 UNEF 48 1 3/4 - 18 UNS 56 2 - 18 UNS 64 2 1/4 - 16 UN
C MAX DASH DIA NO. TABLE II .188 (4.8) 06 .281 (7.1) 09 .312 (7.9) 10 .375 (9.5) 12 .438 (11.1) 14 .500 (12.7) 16 .625 (15.9) 20 .750 (19.1) 24 .875 (22.2) 28 1.000 (25.4) 32 1.250 (31.8) 40 1.500 (38.1) 48 1.750 (44.5) 56 2.000 (50.8) 64
TABLE II TUBING I.D. DASH NO. MIN MAX 06 .181 (4.6) .188 (4.8) 09 .273 (6.9) .281 (7.1) 10 .306 (7.8) .312 (7.9) 12 .359 (9.1) .375 (9.5) 14 .427 (10.8) .437 (11.1) 16 .480 (12.2) .500 (12.7) 20 .603 (15.3) .625 (15.9) 24 .725 (18.4) .750 (19.1) 28 .860 (21.8) .875 (22.2) 32 .970 (24.6) 1.000 (25.4) 40 1.205 (30.6) 1.250 (31.8) 48 1.437 (36.5) 1.500 (38.1) 56 1.688 (42.9) 1.750 (44.5) 64 1.937 (49.2) 2.000 (50.8)
D MAX 1.09 (27.7) 1.16 (29.5) 1.22 (31.0) 1.28 (32.5) 1.34 (34.0) 1.41 (35.8) 1.53 (38.9) 1.66 (42.2) 1.78 (45.2) 1.91 (48.5) 2.28 (57.9) 2.59 (65.8) 2.91 (73.9) 3.03 (77.0)
E MAX .78 (19.8) 1.03 (26.2) 1.03 (26.2) 1.03 (26.2) 1.22 (31.0) 1.28 (32.5) 1.41 (35.8) 1.53 (38.9) 1.71 (43.4) 1.84 (46.7) 2.16 (54.9) 2.46 (62.5) 2.78 (70.6) 3.03 (77.0)
TABLE III SYMBOL FINISH B J M N NC NF T
(c) 2003 Glenair, Inc.
Olive Drab over Cadmium Plate Gold Iridite over Cadmium Plate over Nickel Electroless Nickel Olive Drab over Cadmium Plate over Nickel Zinc-Cobalt, Olive Drab Olive Drab over Cadmium Plate over Electroless Nickel (500 Hour Salt Spray) Bright Dip Cadmium Plate over Nickel
CAGE Codes 06324
NOTES: 1. Metric dimensions (mm) are in parentheses. 2. Tubing shown for reference only.
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com D-23
Series 74 Convoluted Tubing


▲Up To Search▲   

 
Price & Availability of 712S380B0606-3B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X